| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL324GT40WMFN bảng dữ liệu(PDF) 34 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29DL324GT40WMFN bảng dữ liệu(HTML) 34 Page - SPANSION |
|
34 / 58 page ![]() 32 Am29DL32xG 25686B10 December 4, 2006 D A TA SH EET DQ2: Toggle Bit II The “Toggle Bit II” on DQ2, when used with DQ6, indi- cates whether a particular sector is actively erasing (that is, the Embedded Erase algorithm is in progress), or whether that sector is erase-suspended. Toggle Bit II is valid after the rising edge of the final WE# pulse in the command sequence. DQ2 toggles when the system reads at addresses within those sectors that have been selected for era- sure. (The system may use either OE# or CE# to con- trol the read cycles.) But DQ2 cannot distinguish whether the sector is actively erasing or is erase-sus- pended. DQ6, by comparison, indicates whether the device is actively erasing, or is in Erase Suspend, but cannot distinguish which sectors are selected for era- sure. Thus, both status bits are required for sector and mode information. Refer to Table 15 to compare out- puts for DQ2 and DQ6. Figure 6 shows the toggle bit algorithm in flowchart form, and the section “DQ2: Toggle Bit II” explains the algorithm. See also the DQ6: Toggle Bit I subsection. Figure 22 shows the toggle bit timing diagram. Figure 23 shows the differences between DQ2 and DQ6 in graphical form. Reading Toggle Bits DQ6/DQ2 Refer to Figure 6 for the following discussion. When- ever the system initially begins reading toggle bit sta- tus, it must read DQ7–DQ0 at least twice in a row to determine whether a toggle bit is toggling. Typically, the system would note and store the value of the tog- gle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can read array data on DQ7–DQ0 on the fol- lowing read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the sys- tem also should note whether the value of DQ5 is high (see the section on DQ5). If it is, the system should then determine again whether the toggle bit is tog- gling, since the toggle bit may have stopped toggling just as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. If it is still toggling, the de- vice did not completed the operation successfully, and the system must write the reset command to return to reading array data. The remaining scenario is that the system initially de- termines that the toggle bit is toggling and DQ5 has not gone high. The system may continue to monitor the toggle bit and DQ5 through successive read cy- cles, determining the status as described in the previ- ous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to de- termine the status of the operation (top of Figure 6). DQ5: Exceeded Timing Limits DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5 produces a “1,” indicating that the program or erase cycle was not successfully completed. The device may output a “1” on DQ5 if the system tries to program a “1” to a location that was previously pro- grammed to “0.” Only an erase operation can change a “0” back to a “1.” Under this condition, the device halts the operation, and when the timing limit has been exceeded, DQ5 produces a “1.” Under both these conditions, the system must write the reset command to return to the read mode (or to the erase-suspend-read mode if a bank was previ- ously in the erase-suspend-program mode). DQ3: Sector Erase Timer After writing a sector erase command sequence, the system may read DQ3 to determine whether or not erasure has begun. (The sector erase timer does not apply to the chip erase command.) If additional sectors are selected for erasure, the entire time-out also applies after each additional sector erase com- mand. When the time-out period is complete, DQ3 switches from a “0” to a “1.” If the time between addi- tional sector erase commands from the system can be assumed to be less than 50 µs, the system need not monitor DQ3. See also the Sector Erase Command Sequence section. After the sector erase command is written, the system should read the status of DQ7 (Data# Polling) or DQ6 (Toggle Bit I) to ensure that the device has accepted the command sequence, and then read DQ3. If DQ3 is “1,” the Embedded Erase algorithm has begun; all fur- ther commands (except Erase Suspend) are ignored until the erase operation is complete. If DQ3 is “0,” the device will accept additional sector erase commands. To ensure the command has been accepted, the sys- tem software should check the status of DQ3 prior to and following each subsequent sector erase com- mand. If DQ3 is high on the second status check, the last command might not have been accepted. Table 15 shows the status of DQ3 relative to the other status bits. |