| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L320ML01NF bảng dữ liệu(PDF) 34 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
L320ML01NF bảng dữ liệu(HTML) 34 Page - Advanced Micro Devices |
|
34 / 59 page ![]() 32 Am29LV320MH/L 26517B4 January 31, 2007 D A TA SH EE T Table 11. Command Definitions (x8 Mode, BYTE# = V IL) Legend: X = Don’t care RA = Read Address of memory location to be read. RD = Read Data read from location RA during read operation. PA = Program Address. Addresses latch on falling edge of WE# or CE# pulse, whichever happens later. PD = Program Data for location PA. Data latches on rising edge of WE# or CE# pulse, whichever happens first. SA = Sector Address of sector to be verified (in autoselect mode) or erased. Address bits A20–A15 uniquely select any sector. WBL = Write Buffer Location. Address must be within same write buffer page as PA. BC = Byte Count. Number of write buffer locations to load minus 1. Notes: 1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Shaded cells indicate read cycles. All others are write cycles. 4. During unlock and command cycles, when lower address bits are 555 or AAA as shown in table, address bits above A11 are don’t care. 5. Unless otherwise noted, address bits A20–A11 are don’t cares. 6. No unlock or command cycles required when device is in read mode. 7. Reset command is required to return to read mode (or to erase-suspend-read mode if previously in Erase Suspend) when device is in autoselect mode, or if DQ5 goes high while device is providing status information. 8. Fourth cycle of autoselect command sequence is a read cycle. Data bits DQ15–DQ8 are don’t care. See Autoselect Command Sequence section or more information. 9. Device ID must be read in three cycles. 10. If WP# protects highest address sector, data is 98h for factory locked and 18h for not factory locked. If WP# protects lowest address sector, data is 88h for factory locked and 08h for not factor locked. 11. Data is 00h for an unprotected sector group and 01h for a protected sector group. 12. Total number of cycles in command sequence is determined by number of words written to write buffer. Maximum number of cycles in command sequence is 21. 13. Command sequence resets device for next command after aborted write-to-buffer operation. 14. Unlock Bypass command is required prior to Unlock Bypass Program command. 15. Unlock Bypass Reset command is required to return to read mode when device is in unlock bypass mode. 16. System may read and program in non-erasing sectors, or enter autoselect mode, when in Erase Suspend mode. Erase Suspend command is valid only during a sector erase operation. 17. Erase Resume command is valid only during Erase Suspend mode. 18. Command is valid when device is ready to read array data or when device is in autoselect mode. Command Sequence (Note 1) Bus Cycles (Notes 2–5) First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read (Note 6) 1 RA RD Reset (Note 7) 1 XXX F0 Manufacturer ID 4 AAA AA 555 55 AAA 90 X00 01 Device ID (Note 9) 6 AAA AA 555 55 AAA 90 X02 7E X1C 1D X1E 00 Secured Silicon Sector Factory Protect (Note 10) 4 AAA AA 555 55 AAA 90 X06 (Note 10) Sector Group Protect Verify (Note 11) 4 AAA AA 555 55 AAA 90 (SA)X04 00/01 Enter Secured Silicon Sector Region 3 AAA AA 555 55 AAA 88 Exit Secured Silicon Sector Region 4 AAA AA 555 55 AAA 90 XXX 00 Program 4 555 AA 2AA 55 555 A0 PA PD Write to Buffer (Note 12) 6 AAA AA 555 55 SA 25 SA BC PA PD WBL PD Program Buffer to Flash 1 SA 29 Write to Buffer Abort Reset (Note 13) 3 AAA AA 555 55 AAA F0 Unlock Bypass 3 AAA AA 555 55 AAA 20 Unlock Bypass Program (Note 13) 2 XXX A0 PA PD Unlock Bypass Reset (Note 15) 2 XXX 90 XXX 00 Chip Erase 6 AAA AA 555 55 AAA 80 AAA AA 555 55 AAA 10 Sector Erase 6 AAA AA 555 55 AAA 80 AAA AA 555 55 SA 30 Program/Erase Suspend (Note 16) 1 XXX B0 Program/Erase Resume (Note 17) 1 XXX 30 CFI Query (Note 18) 1 AA 98 |