| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COM20019I-HT bảng dữ liệu(PDF) 44 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
COM20019I-HT bảng dữ liệu(HTML) 44 Page - SMSC Corporation |
|
44 / 65 page ![]() Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM Rev. 03-07-06 Page 44 SMSC COM20019I DATASHEET The XTAL2 side of the crystal may be loaded with a single 74HC-type buffer in order to generate a clock for other devices. The user may attach an external TTL clock, rather than a crystal, to the XTAL1 signal. In this case, a 390 Ω pull-up resistor is required on XTAL1, while XTAL2 should be left unconnected. |