công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL324GT40WMIN bảng dữ liệu(PDF) 57 Page - SPANSION

tên linh kiện AM29DL324GT40WMIN
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL324GT40WMIN bảng dữ liệu(HTML) 57 Page - SPANSION

Back Button AM29DL324GT40WMIN Datasheet HTML 50Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 51Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 52Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 53Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 54Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 55Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 56Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 57Page - SPANSION AM29DL324GT40WMIN Datasheet HTML 58Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
December 4, 2006 25686B10
Am29DL32xG
55
D A TA
SH EE T
REVISION SUMMARY
Revision A (November 7, 2001)
Global
Initial release. This device replaces the AM29DL32xD.
Revision B (July 31, 2002)
Global
Added LAA064 package.
Ordering Information
Corrected package marking for FBGA.
AC Characteristics
Added 70 ns speed grade to Test Specifications and
Read-Only Operations
Revision B + 1 (August 27, 2002)
Distinctive Characteristics
Changed write cycles guaranteed per sector to erase
cycles guaranteed per sector.
Connection Diagrams, Special Handling
Instructions for FBGA Package
Changed text to reflect revised handling instructions.
Ordering Information
Added 120 ns to Valid Combinations for TSOP Pack-
ages.
Table 7, Autoselect Codes, (High Voltage Method)
Changed Secured Silicon Indicator Bit (DQ7 to DQ0)
from 81h to 82h (factory locked); 01h to 02h (not fac-
tory locked).
Sector/Sector Block Protection and Unprotection
Removed paragraph referring to programming equip-
ment.
Common Flash Memory Interface (CFI)
Corrected third paragraph text to indicate that reset
command will return device to reading array data.
Changed CFI URL to current link.
Command Definitions
Corrected first paragraph text regarding incorrect ad-
dress and data values.
Table 14, Command Definitions
Changed Sector/Sector Block Protect Verify fourth bus
cycle from 81/01 to 82/02.
DC Characteristics, CMOS Compatible
Removed IACC from table.
AC Characteristics, Alternate CE# Controlled Erase
and Program Operations
Change t
BHEL from 0b to 0.
TSOP and SO Pin Capacitance
Added Fine-Pitch BGA capacitance to table.
Revision B + 2 (November 6, 2002)
Global
Removed 60 ns speed option and references to 80 ns
speed option.
Removed reverse 48-pin TSOP package option.
Connection Diagrams, 64-Ball Fortified BGA
Changed RFU to NC.
Package Capacitance
Removed references to SO package.
Revision B + 3 (April 21, 2003)
Connection Diagrams
Updated 64-Ball Fortified FBA (11 x 13 mm); changed
C5 from A21 to NC.
Revision B + 4 (March 26, 2004)
Connection Diagrams
Upd a te d arr ay n u m ber ing sc hem e of 4 8 -Ball
Fine-pitch FBA (6 x 12 mm) to match the physical dia-
gram.
Revision B + 5 (May 20, 2004)
Global
Converted document to full datasheet version.
Table 5, “Bottom Boot Sector Addresses”
Added table.
Revision B + 6 (June 4, 2004)
Ordering Information
Added Lead-free (Pb-free) options to the Temperature
Range breakout of the OPN table and the Valid Com-
binations table.
Revision B + 7 (September 27, 2004)
Cover sheet and title page
Added notation to superseding documents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com