| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M49000000T bảng dữ liệu(PDF) 19 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
M49000000T bảng dữ liệu(HTML) 19 Page - Advanced Micro Devices |
|
19 / 64 page ![]() 18 Am49DL32xBG July 19, 2002 P R E L I M I NARY Autoselect Mode The autoselect mode provides manufacturer and de- vice identification, and sector protection verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for programming equip- m e nt to au tom a ti ca l l y m a tch a d e vi ce to b e programmed with its corresponding programming al- gorithm. However, the autoselect codes can also be accessed in-system through the command register. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in Tables 15 and 16. This method does not require V ID. Refer to the Autoselect Command Sequence section for more information. Sector/Sector Block Protection and Unprotection (Note: For the following discussion, the term “sector” applies to both sectors and sector blocks. A sector block consists of two or more adjacent sectors that are protected or unprotected at the same time (see Table 8). Table 8. Top Boot Sector/Sector Block Addresses for Protection/Unprotection Sector A20–A12 Sector/ Sector Block Size SA0 000000XXX 64 Kbytes SA1–SA3 000001XXX, 000010XXX 000011XXX 192 (3x64) Kbytes SA4–SA7 0001XXXXX 256 (4x64) Kbytes SA8–SA11 0010XXXXX 256 (4x64) Kbytes SA12–SA15 0011XXXXX 256 (4x64) Kbytes SA16–SA19 0100XXXXX 256 (4x64) Kbytes SA20–SA23 0101XXXXX 256 (4x64) Kbytes SA24–SA27 0110XXXXX 256 (4x64) Kbytes SA28–SA31 0111XXXXX 256 (4x64) Kbytes SA32–SA35 1000XXXXX 256 (4x64) Kbytes SA36–SA39 1001XXXXX 256 (4x64) Kbytes SA40–SA43 1010XXXXX 256 (4x64) Kbytes SA44–SA47 1011XXXXX 256 (4x64) Kbytes SA48–SA51 1100XXXXX 256 (4x64) Kbytes SA52–SA55 1101XXXXX 256 (4x64) Kbytes SA56–SA59 1110XXXXX 256 (4x64) Kbytes SA60–SA62 111100XXX, 111101XXX, 111110XXX 192 (4x64) Kbytes SA63 111111000 8 Kbytes SA64 111111001 8 Kbytes SA65 111111010 8 Kbytes SA66 111111011 8 Kbytes SA67 111111100 8 Kbytes SA68 111111101 8 Kbytes SA69 111111110 8 Kbytes SA70 111111111 8 Kbytes |