| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M49000000S bảng dữ liệu(PDF) 58 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
M49000000S bảng dữ liệu(HTML) 58 Page - Advanced Micro Devices |
|
58 / 64 page ![]() July 19, 2002 Am49DL32xBG 57 P R E L I M I NARY pSRAM AC CHARACTERISTICS Notes: 1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied. 2. If OE# is high during the write cycle, the outputs will remain at high impedance. Figure 31. Pseudo SRAM Write Cycle—CE1#s Control tWC Valid Data In tAS tCH Addresses A0 to A20 CE#1 CE2 WE# LB#, UB# DIN I/O1 to 16 DOUT I/O1 to 16 tCW tDS tDH tWP tWR tBW tBE tODW tCOE High-Z High-Z (Note 1) (Note 1) |