| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M49000000R bảng dữ liệu(PDF) 59 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
M49000000R bảng dữ liệu(HTML) 59 Page - Advanced Micro Devices |
|
59 / 64 page ![]() 58 Am49DL32xBG July 19, 2002 P R E L I M I NARY pSRAM AC CHARACTERISTICS Notes: 1. If the device is using the I/Os to output data, input signals of reverse polarity must not be applied. 2. If OE# is high during the write cycle, the outputs will remain at high impedance. Figure 32. Pseudo SRAM Write Cycle— UB#s and LB#s Control tWC Valid Data In Addresses A0 to A20 WE# CE#1 CE2 UB#, LB# DIN I/O1 to 16 DOUT I/O1 to 16 tDS tWR tWP tCW High-Z High-Z tCH tDH tAS tBW tBE tCOE tODW (Note 1) |