| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BS128HE9V bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
BS128HE9V bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices |
|
49 / 89 page ![]() May 10, 2006 27024B3 Am29BDS128H/Am29BDS640H 47 D A TA SH EE T Table 21. Sector Protection Command Definitions Legend: X = Don’t care PA = Address of the memory location to be programmed. Addresses latch on the rising edge of the AVD# pulse or active edge of CLK which ever comes first. SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits Amax–A12 uniquely select any sector. BA = Address of the bank (BDS128H: A22–A20; BDS640H: A21–A19) for which command is being written. SLA = Address of the sector to be locked. Set sector address (SA) and either A6 = 1 for unlocked or A6 = 0 for locked. OW = Address (A7–A0) is (00011010). PD3–PD0 = Password Data. PD3–PD0 present four 16 bit combinations that represent the 64-bit password. PWA = Password Address. Address bits A1 and A0 are used to select each 16-bit portion of the 64-bit entity. PL = Address (A7–A0) is (00001010) RD(0) = DQ0 protection indicator bit. If protected, DQ0 = 1. If unprotected, DQ0 = 0. RD(1) = DQ1 protection indicator bit. If protected, DQ1 = 1. If unprotected, DQ1 = 0. SBA = Sector address block to be protected. SL = Address (A7–A0) is (00010010) WD= Write Data. See “Configuration Register” definition for specific write data WP = Address (A7–A0) is (00000010) WPE = Address (A7–A0) is (01000010) Notes: 1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Shaded cells indicate read cycles. All others are write cycles. 4. Data bits DQ15–DQ8 are don’t care in command sequences, except for RD, PD, WD, PWD, and PD3–PD0. 5. Unless otherwise noted, address bits Amax–A12 are don’t cares. 6. Writing incorrect address and data values or writing them in the improper sequence may place the device in an unknown state. The system must write the reset command to return the device to reading array data. 7. No unlock or command cycles required when bank is reading array data. 8. Not supported in Synchronous Read Mode, command mode verify are always asynchronous read operations. 9. The fourth cycle programs the addressed locking bit. The fifth and sixth cycles are used to validate whether the bit has been fully programmed. If DQ0 (in the sixth cycle) reads 0, the program command must be issued and verified again. 10. The fourth cycle erases all PPBs. The fifth and sixth cycles are used to validate whether the bits have been fully erased. If DQ0 (in the sixth cycle) reads 1, the erase command must be issued and verified again. 11. The entire four bus-cycle sequence must be entered for each portion of the password. 12. Before issuing the erase command, all PPBs should be programmed in order to prevent over-erasure of PPBs. 13. In the fourth cycle, 01h indicates PPB set; 00h indicates PPB not set. Command Sequence (Notes) Bus Cycles (Notes 1–6) First Second Third Fourth Fifth Sixth Seventh Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Entry 3 555 AA 2AA 55 555 88 Exit 4 555 AA 2AA 55 555 90 XX 00 Protection Bit Program (8, 9) 6 555 AA 2AA 55 555 60 SA+OW 68 SA+OW 48 OW RD(0) Program (11) 4 555 AA 2AA 55 555 38 XX[0–3] PD[0–3] Verify (11) 4 555 AA 2AA 55 555 C8 XX[0–3] PD[0–3] Unlock (11) 7 555 AA 2AA 55 555 28 XX0 PD0 XX1 PD1 XX2 PD2 XX3 PD3 Program (8, 9) 6 555 AA 2AA 55 555 60 SBA+WP 68 SBA+WP 48 XX RD(0) All Erase (8, 10, 12) 6 555 AA 2AA 55 555 60 WPE 60 SBA+ WPE 40 XX RD(0) Status (13) 4 555 AA 2AA 55 BA+555 90 SBA+WP RD(0) Set 3 555 AA 2AA 55 555 78 Status (8) 4 555 AA 2AA 55 BA+555 58 SA RD(1) Write 4 555 AA 2AA 55 555 48 SA X1 Erase 4 555 AA 2AA 55 555 48 SA X0 Status 4 555 AA 2AA 55 BA+555 58 SA RD(0) Locking Bit Program (8, 9) 6 555 AA 2AA 55 555 60 PL 68 PL 48 PL RD(0) Locking Bit Program (8, 9) 6 555 AA 2AA 55 555 60 SL 68 SL 48 SL RD(0) |