công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29BDS128HE8VFI bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices

tên linh kiện AM29BDS128HE8VFI
Giải thích chi tiết về linh kiện  128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS128HE8VFI bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices

Back Button AM29BDS128HE8VFI Datasheet HTML 5Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 6Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 7Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 8Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 9Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 10Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 11Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 12Page - Advanced Micro Devices AM29BDS128HE8VFI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
May 10, 2006 27024B3
Am29BDS128H/Am29BDS640H
7
D A TA
SH EE T
CONNECTION DIAGRAM
C2
D2
E2
F2
G2
H2
J2
K2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
A7
B7
A8
B8
A1
B1
A2
E7
F7
G7
H7
J7
K7
L7
L8
M7
M8
L1
L2
M1
M2
NC
NC
NC
B2
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
DQ15
VSS
NC
A16
A15
A14
A12
A13
C8
D8
E8
F8
G8
H8
J8
K8
NC
NC
NC
VSS
VIO
NC
A22
NC
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
ACC
RDY
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
C1
D1
E1
F1
G1
H1
J1
K1
VSS
NC
VIO
AVD#
WP#
CLK
VCC
NC
80-ball Fine-Pitch Ball Grid Array
Top View, Balls Facing Down
(Am29BDS128H only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89