| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M42000005M bảng dữ liệu(PDF) 8 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
M42000005M bảng dữ liệu(HTML) 8 Page - SPANSION |
|
8 / 62 page ![]() January 31, 2003 Am42DL6402G 7 P R E L IMINARY CONNECTION DIAGRAM Special Package Handling Instructions Special handling is required for Flash Memory products in molded packages (TSOP, SO, PDIP, PLCC). The package and/or data integrity may be compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. A1 B1 C1 F1 G1 L1 M1 D2 E2 F2 G2 H2 J2 C3 D3 E3 F3 G3 H3 J3 K3 C4 D4 E4 F4 G4 H4 J4 K4 B5 C5 D5 E5 H5 J5 K5 L5 B6 C6 D6 E6 H6 J6 K6 L6 C7 D7 E7 F7 G7 H7 J7 K7 C8 D8 E8 F8 G8 H8 J8 K8 D9 E9 F9 G9 H9 J9 A10 B10 F10 G10 L10 M10 NC NC NC NC NC NC NC NC NC A3 A2 A1 A0 CE#f CE1#s A7 A6 A5 A4 VSS OE# DQ0 DQ8 LB# UB# A18 A17 DQ1 DQ9 DQ10 DQ2 NC WP#/ACC RESET# RY/BY# DQ3 VCCf DQ11 NC WE# CE2s A20 DQ4 VCCs NC A8 A19 A9 A10 DQ6 DQ13 DQ12 DQ5 A11 A12 A13 A14 NC DQ15/A-1 DQ7 DQ14 A15 A21 NC A16 CIOf VSS NC NC NC NC NC NC SRAM only Shared Flash only 73-Ball FBGA Top View |