công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M500000008 bảng dữ liệu(PDF) 48 Page - Advanced Micro Devices

tên linh kiện M500000008
Giải thích chi tiết về linh kiện  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M500000008 bảng dữ liệu(HTML) 48 Page - Advanced Micro Devices

Back Button M500000008 Datasheet HTML 44Page - Advanced Micro Devices M500000008 Datasheet HTML 45Page - Advanced Micro Devices M500000008 Datasheet HTML 46Page - Advanced Micro Devices M500000008 Datasheet HTML 47Page - Advanced Micro Devices M500000008 Datasheet HTML 48Page - Advanced Micro Devices M500000008 Datasheet HTML 49Page - Advanced Micro Devices M500000008 Datasheet HTML 50Page - Advanced Micro Devices M500000008 Datasheet HTML 51Page - Advanced Micro Devices M500000008 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
November 7, 2002
Am50DL128CG
47
P R E L I M I NARY
FLASH AC CHARACTERISTICS
OE#
WE#
Addresses
tOEH
tDH
tAHT
tASO
tOEPH
tOE
Valid Data
(first read)
(second read)
(stops toggling)
tCEPH
tAHT
tAS
DQ6/DQ2
Valid Data
Valid
Status
Valid
Status
Valid
Status
RY/BY#
CE#f
Note:
1. VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read
cycle, and array data read cycle.
2. CE#f refers to active flash device being addressed (either CE#f1 or CE#f2). The chip enable input of the inactive flash
device must be held high during this operation.
Figure 22.
Toggle Bit Timings (During Embedded Algorithms)
Note: DQ2 toggles only when read at an address within an erase-suspended sector. The system may use OE# or CE#f to
toggle DQ2 and DQ6.
Figure 23.
DQ2 vs. DQ6
Enter
Erase
Erase
Erase
Enter Erase
Suspend Program
Erase Suspend
Read
Erase Suspend
Read
Erase
WE#
DQ6
DQ2
Erase
Complete
Erase
Suspend
Suspend
Program
Resume
Embedded
Erasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63