| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D320GT90UI bảng dữ liệu(PDF) 56 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
D320GT90UI bảng dữ liệu(HTML) 56 Page - Advanced Micro Devices |
|
56 / 58 page ![]() 54 Am29DL320G REVISION SUMMARY Revision A (December 6, 2001) Initial release. Revision A+1 (February 19, 2002) Ordering Information Corrected package marking for 6 x 12 mm FBGA package. Revision B (July 31, 2002) Global Added LAA064 package. Ordering Information Corrected package marking for FBGA. AC Characteristics Added 70 ns speed grade to Test Specifications and Read-Only Operations Revision C (October 13, 2003) Global Changed Advance Information datasheet status to Final. Ordering Information Removed standard products E temperature range, and EE & EEN from Valid Combinations for TSOP packages. Table 6 Autoselect Codes Changed SecSi Indicator Bit (DQ7) for BYTE# = V IL from X to 82, and DQ7 to Q10 to 82h (factory locked), 02h (not factory locked). Customer Lockable: SecSi Sector NOT Pro- grammed or Protected At the Factory Replaced second bullet, added the two paragraphs under bullet and Figure 3. Common Flash Memory Interface (CFI) Modified third and fourth paragraphs. Command Definitions Modified information for array data. Enter SecSi Sector/Exit SecSi Sector Command Sequence Added ACC function note to end of paragraph. Table 13 Command Definitions Changed fourth data from 81/01 to 82/02. Operating Ranges Removed extended (E) devices information. DC characteristics - CMOS Compatible Added I LR information. Trademarks Updated to 2003 standards. Revision C + 1 (May 27, 2004) Ordering Information Added Lead-free (Pb-free) options to the Temperature range breakout of the OPN Table and the Valid Combi- nations table. Revision C + 2 (September 27, 2004) Cover sheet and title page Added notation to superseding documents. Revision C + 3 (May 25, 2005) Cover sheet and title page Added notation to superseding documents. |