| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD640G83UI bảng dữ liệu(PDF) 61 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
PD640G83UI bảng dữ liệu(HTML) 61 Page - Advanced Micro Devices |
|
61 / 61 page ![]() December 13, 2005 Am29PDL640G 59 D A TA SH EE T SecSi Sector Flash Memory Region, and Enter SecSi Sector/Exit SecSi Sector Command Sequence Noted that the ACC function and unlock bypass modes are not available when the SecSi sector is enabled. Byte/Word Program Command Sequence, Sector Erase Command Sequence, and Chip Erase Com- mand Sequence Noted that the SecSi Sector, autoselect, and CFI functions are unavailable when a program or erase operation is in progress. Common Flash Memory Interface (CFI) Changed CFI website address. Test Conditions Modified speed grade option rows to state “All Speeds”. Table 17. Test Specifications, Read-Only Operations, and Erase and Programing Operations Noted that one must write SecSi Sector reset before PPB program/erase. Table 15. Sector Protection Command Definitions Added Note # 17 and 18. Table 17. Test Specifications, Read-Only Operations, and Erase and Programing Operations Added 63 option to tables. Revision B+1 (February 26, 2003) Table 17. Test Specification Updated output load capacitance. Revision B+2 (December 13, 2005) Global This product has been retired and is not available for designs. For new and current designs, S29PL064J su- persedes Am29PDL640G and is the factory-recom- me nde d m i g r at ion pa th . Please refe r t o t h e S29PL064J datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only. Trademarks Copyright © 2002-2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |