| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200AIP4AP bảng dữ liệu(PDF) 50 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AIP4AP bảng dữ liệu(HTML) 50 Page - Advanced Micro Devices |
|
50 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 50 AMD Athlon™ 64 FX Processor Table 12: AMD Athlon™ 64 FX Processor L2 Cache Size Options OPN Character Cache Size 51 MB Table 13: AMD Athlon™ 64 FX Processor Temperature Options OPN Character Temperature P 70oC I 63oC AVariable Table 14: AMD Athlon™ 64 FX Processor Operating Voltage OPN Character Operating Voltage E1.50 V AVariable Table 15: AMD Athlon™ 64 FX Processor Package Options OPN Character Package C 940 Pin Lidded C μPGA D 939 Pin Lidded O μPGA Table 16: AMD Athlon™ 64 FX Processor Model Number Options Model Number Frequency FX51 2200 MHz FX53 2400 MHz FX55 2600 MHz FX57 2800 MHz |