| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200AAP4AP bảng dữ liệu(PDF) 43 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200AAP4AP bảng dữ liệu(HTML) 43 Page - Advanced Micro Devices |
|
43 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 43 AMD Athlon™ 64 Processor The notes for this table appear on page 48. Parameter/OPN Notes Tcase M ax 1, 13 Tcontrol M ax 2 Tambient Thermal Resistance (case-amb) Thermal Profile 14 Max P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #1 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #2 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #3 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #4 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #5 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Intermediate P-S tate #6 11 VID_VDD 3 IDD M ax Thermal Design Power 4 Min P-S tate VID_VDD 3 IDD M ax Thermal Design Power 4 Halt/S top Grant IDDC1 Max @ Max P-State 5 IDDC1 Max @ Min P-State 6 I/O Power 8, 12 S3 7 I/O Power 7, 9, 12 1.350 V 1.400 V B 65°C 70°C 42°C 49°C to 65°C to 70°C 42°C 70°C 42°C 500 mW 19.3 A 4.2 A 2.9 W 1000 MHz 1.100 V 22.4 A 27.5 W N/A N/A N/A N/A 1800 MHz 1.300 V 39.9 A 54.8 W 2000 MHz 1.350 V 45.8 A 64.7 W ADA3500DAA4BP 0.34°C/W 2200 MHz 47.5 A 67.0 W 500 mW 19.3 A 4.2 A 2.9 W 1.100 V 23.4 A 28.6 W 1000 M Hz N/A N/A N/A N/A 1.350 V 45.8 A 64.7 W N/A ADA3200DAA4BP 0.34°C/W 2000 M Hz 47.5 A 1800 M Hz 500 mW 19.3 A 4.2 A 2.9 W 1.100 V 24.3 A 29.6 W 1000 MHz N/A N/A N/A N/A ADA3000DAA4BP 0.34°C/W 67.0 W 1.350 V 1.400 V to 65°C 49°C 49°C 1.400 V 47.5 A 67.0 W N/A N/A 1.350 V 1800 MHz BB |