| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA3200DIP3AP bảng dữ liệu(PDF) 10 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ADA3200DIP3AP bảng dữ liệu(HTML) 10 Page - Advanced Micro Devices |
|
10 / 95 page ![]() PID: 30430 Rev 3.51 March 2006 AMD Athlon™ 64 Processor Power and Thermal Data Sheet 10 AMD Athlon™ 64 Processor Table 8: AMD Athlon™ 64 Processor Thermal Profile Note: The thermal profile is used to define the relationship between Tcase max and device specific Thermal Design Power for Rev E processors specified in this document with ‘Variable’ indicated by the Case Temperature OPN character. Table 7: AMD Athlon™ 64 Processor Model Number Options Package Cache Size Frequency Max HyperTransport Frequency Model Number 754 Pin Lidded O μPGA 512 KB 1800 MHz 800 MHz 2800+ 754 Pin Lidded O μPGA 512 KB 2000 MHz 800 MHz 3000+ 754 Pin Lidded O μPGA 1 MB 2000 MHz 800 MHz 3200+ 754 Pin Lidded O μPGA 512 KB 2200 MHz 800 MHz 3200+ 754 Pin Lidded O μPGA 256 KB 2400 MHz 800 MHz 3300+ 754 Pin Lidded O μPGA 1 MB 2200 MHz 800 MHz 3400+ 754 Pin Lidded O μPGA 512 KB 2400 MHz 800 MHz 3400+ 754 Pin Lidded O μPGA 1 MB 2400 MHz 800 MHz 3700+ 939 Pin Lidded O μPGA 512 KB 1800 MHz 1000 MHz 3000+ 939 Pin Lidded O μPGA 512 KB 2000 MHz 1000 MHz 3200+ 939 Pin Lidded O μPGA 512 KB 2200 MHz 800 MHz 3400+ 939 Pin Lidded O μPGA 512 KB 2200 MHz 1000 MHz 3500+ 939 Pin Lidded O μPGA 1 MB 2200 MHz 1000 MHz 3700+ 939 Pin Lidded O μPGA 512 KB 2400 MHz 1000 MHz 3800+ 939 Pin Lidded O μPGA 1 MB 2400 MHz 1000 MHz 4000+ Thermal Profile A B Thermal Resistance (case to ambient) 0.34°C/W 0.34°C/W Local Ambient Temperature 42°C 42°C Tcase Max Power (Thermal Profile A) Power (Thermal Profile B) 49°C 20.6 W 20.6 W 51°C 26.5 W 26.5 W 53°C 32.4 W 32.4 W 55°C 38.2 W 38.2 W 57°C 44.1 W 44.1 W 59°C 50.0 W 50.0 W 61°C 55.9 W 55.9 W 63°C 61.8 W 61.8 W 65°C 67.6 W 67.0 W 67°C 73.5 W N/A 69°C 79.4 W N/A 71°C 85.3 W N/A |