công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSM-760SXXXMGS bảng dữ liệu(PDF) 15 Page - Inventronics Inc.

tên linh kiện SSM-760SXXXMGS
Giải thích chi tiết về linh kiện  760W Programmable Dri ver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INVENTRONICS [Inventronics Inc.]
Trang chủ  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

SSM-760SXXXMGS bảng dữ liệu(HTML) 15 Page - Inventronics Inc.

Back Button SSM-760SXXXMGS Datasheet HTML 8Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 9Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 10Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 11Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 12Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 13Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 14Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 15Page - Inventronics Inc. SSM-760SXXXMGS Datasheet HTML 16Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
760W Programmable Driver with INV Digital Dimming
SSM-760SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Mechanical Outline
Unspecified tolerance:±1
PROJ:
L2/N
L1/L
INPUT(Panel Connector 3P Male)
OUTPUT(Panel Connector 3P Female)
DIMMING(Panel Connector 3P Male)
Dim+
Vaux
Dim-
Waterproof Cap
V+
V-
Tc
Note: This driver features UL Wet Location, IP67 panel mount connectors to streamline wiring in the field while
still supporting stringent environmental conditions. The mating push-lock are not supplied by Inventronics. Please
contact Wieland and Amphenol LTW or one of their suppliers for assistance sourcing the mating pushlock
Location
Series
Rating
voltage/current
PN of connector on driver
PN of mating push-lock
Vin
Wieland RST20i3
600V/10A
96.032.1055.7
96.031.0055.7 (Spring)
or 96.031.4055.7 (Screw)
Vo
ALTW X-Lok,C-Size
300V/20A
ABAB-CAQ03000100
CC-03BFMB-QL8APP
Dim
ALTW X-Lok,A-Size
300V/5A
ABAB-AMQ03000091
AD-03BFFB-QL8AP0
Dim
ALTW X-Lok,A-Size
Waterproof Cap
/
CAP-WAAMQPC1
/
RoHS Compliance
Our products comply with reference to RoHS Directive (EU) 2015/863 amending 2011/65/EU, calling for the
elimination of lead and other hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com