công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9949KCPRL bảng dữ liệu(PDF) 21 Page - Analog Devices

tên linh kiện AD9949KCPRL
Giải thích chi tiết về linh kiện  12-Bit CCD Signal Processor with Precision Timing Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9949KCPRL bảng dữ liệu(HTML) 21 Page - Analog Devices

Back Button AD9949KCPRL Datasheet HTML 17Page - Analog Devices AD9949KCPRL Datasheet HTML 18Page - Analog Devices AD9949KCPRL Datasheet HTML 19Page - Analog Devices AD9949KCPRL Datasheet HTML 20Page - Analog Devices AD9949KCPRL Datasheet HTML 21Page - Analog Devices AD9949KCPRL Datasheet HTML 22Page - Analog Devices AD9949KCPRL Datasheet HTML 23Page - Analog Devices AD9949KCPRL Datasheet HTML 24Page - Analog Devices AD9949KCPRL Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD9949
Rev. B | Page 21 of 36
HORIZONTAL CLAMPING AND BLANKING
The AD9949’s horizontal clamping and blanking pulses are fully
programmable to suit a variety of applications. Individual
sequences are defined for each signal, which are then organized
into multiple regions during image readout. This allows the
dark pixel clamping and blanking patterns to be changed at
each stage of the readout to accommodate different image
transfer timing and high speed line shifts.
INDIVIDUAL CLPOB AND PBLK SEQUENCES
The AFE horizontal timing consists of CLPOB and PBLK, as
shown in Figure 21. These two signals are independently
programmed using the parameters shown in Table 18. The start
polarity, first toggle position, and second toggle position are
fully programmable for each signal. The CLPOB and PBLK
signals are active low and should be programmed accordingly.
Up to four individual sequences can be created for each signal.
INDIVIDUAL HBLK SEQUENCES
The HBLK programmable timing shown in Figure 22 is similar
to CLPOB and PBLK. However, there is no start polarity
control. Only the toggle positions are used to designate the
start and the stop positions of the blanking period. Additionally,
there is a polarity control, HBLKMASK, which designates the
polarity of the horizontal clock signals H1 to H4 during the
blanking period. Setting HBLKMASK high sets H1 = H3 = low
and H2 = H4 = high during the blanking, as shown in Figure 23.
Up to four individual sequences are available for HBLK.
3
2
1
HD
CLPOB
PBLK
PROGRAMMABLE SETTINGS:
1. START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW).
2. FIRST TOGGLE POSITION.
3. SECOND TOGGLE POSITION.
ACTIVE
ACTIVE
...
...
Figure 21. Clamp and Preblank Pulse Placement
2
1
HD
HBLK
PROGRAMMABLE SETTINGS:
1. FIRST TOGGLE POSITION = START OF BLANKING.
2. SECOND TOGGLE POSITION = END OF BLANKING.
BLANK
BLANK
...
...
Figure 22. Horizontal Blanking (HBLK) Pulse Placement
Table 18. CLPOB and PBLK Individual Sequence Parameters
Parameter
Length
Range
Description
Polarity
1b
High/Low
Starting Polarity of Clamp and PBLK Pulses for Sequences 0 to 3
.
Toggle Position 1
12b
0 to 4095 Pixel Location
First Toggle Position within the Line for Sequences 0 to 3
.
Toggle Position 2
12b
0 to 4095 Pixel Location
Second Toggle Position within the Line for Sequences 0 to 3
.
Table 19. HBLK Individual Sequence Parameters
Parameter
Length
Range
Description
HBLKMASK
1b
High/Low
Masking Polarity for H1 for Sequences 0 to 3 (0 = H1 Low, 1 = H1 High).
Toggle Position 1
12b
0 to 4095 Pixel Location
First Toggle Position within the Line for Sequences 0 to 3.
Toggle Position 2
12b
0 to 4095 Pixel Location
Second Toggle Position within the Line for Sequences 0 to 3.
Toggle Position 3
12b
0 to 4095 Pixel Location
Third Toggle Position within the Line for Sequences 0 to 3.
Toggle Position 4
12b
0 to 4095 Pixel Location
Fourth Toggle Position within the Line for Sequences 0 to 3.
Toggle Position 5
12b
0 to 4095 Pixel Location
Fifth Toggle Position within the Line for Sequences 0 to 3.
Toggle Position 6
12b
0 to 4095 Pixel Location
Sixth Toggle Position within the Line for Sequences 0 to 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com