công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ESM-880S20AMGS bảng dữ liệu(PDF) 5 Page - Inventronics Inc.

tên linh kiện ESM-880S20AMGS
Giải thích chi tiết về linh kiện  880W Programmable Driver with INV Digital Dimming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INVENTRONICS [Inventronics Inc.]
Trang chủ  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

ESM-880S20AMGS bảng dữ liệu(HTML) 5 Page - Inventronics Inc.

  ESM-880S20AMGS Datasheet HTML 1Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 2Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 3Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 4Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 5Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 6Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 7Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 8Page - Inventronics Inc. ESM-880S20AMGS Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5 / 16
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
880W Programmable Driver with INV Digital Dimming
ESM-880SxxxMGS
Rev.A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 480 Vac input:
ESM-880S280MGS
Io= 1950 mA
Io= 2800 mA
ESM-880S420MGS
Io= 3000 mA
Io= 4200 mA
ESM-880S700MGS
Io= 4900 mA
Io= 7000 mA
ESM-880S11AMGS
Io= 8000 mA
Io= 11500 mA
ESM-880S20AMGS
Io= 16300 mA
Io= 20000 mA
94.0%
94.0%
93.0%
93.5%
94.0%
94.0%
93.0%
93.0%
93.5%
93.0%
96.0%
96.0%
95.0%
95.5%
96.0%
96.0%
95.0%
95.0%
95.5%
95.0%
-
-
-
-
-
-
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
Standby Power
-
1.5 W
-
Measured at 480Vac/50Hz; Dimming off
MTBF
-
217,000
Hours
-
Measured at 480Vac input, 80%Load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
100,000
Hours
-
Measured at 480Vac input, 80%Load and
70
C case temperature; See lifetime vs.
Tc curve for the details
-
50,000
Hours
-
Measured at 277Vac input, 100%Load
and 40
C ambient temperature
Operating Case Temperature for
Safety Tc_s
-40°C
-
+90°C
Operating Case Temperature for
Warranty Tc_w
-40°C
-
+80°C
Case temperature for 5 years warranty
Humidity: 10%RH to 95%RH
Storage Temperature
-40°C
-
+85°C
Humidity: 5%RH to 95%RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
10.83 × 6.30 × 1.91
275 × 160 x 48.5
With mounting ear
11.81 × 6.30 × 1.91
300 ×160 x 48.5
Net Weight
-
3650 g
-
Dimming Specifications
Parameter
Min.
Typ.
Max.
Notes
Absolute Maximum Voltage on
the Vdim (+) Pin
-20 V
-
20 V
Source Current on Vdim (+)Pin
200 uA
300 uA
450 uA
Vdim(+) = 0 V
Dimming
Output
Range with
10%-100%
(Default)
ESM-880S280MGS
ESM-880S420MGS
ESM-880S700MGS
ESM-880S11AMGS
ESM-880S20AMGS
10%Ioset
-
Ioset
1950 mA ≤ Ioset ≤ 2800 mA
3000 mA ≤ Ioset ≤ 4200 mA
4900 mA ≤ Ioset ≤ 7000 mA
8000 mA ≤ Ioset ≤ 11000 mA
16300 mA ≤ Ioset ≤ 20000 mA
ESM-880S280MGS
ESM-880S420MGS
ESM-880S700MGS
ESM-880S11AMGS
ESM-880S20AMGS
195 mA
300 mA
490 mA
800 mA
1630 mA
-
Ioset
195 mA ≤ Ioset <1950 mA
300 mA ≤ Ioset <3000 mA
490 mA ≤ Ioset <4900 mA
800 mA ≤ Ioset <8000 mA
1630 mA ≤ Ioset <16300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com