| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M420000050 bảng dữ liệu(PDF) 45 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
M420000050 bảng dữ liệu(HTML) 45 Page - Advanced Micro Devices |
|
45 / 72 page ![]() 44 Am42BDS640AG November 1, 2002 P R E L I M INARY AC CHARACTERISTICS Note: Figure assumes 6 wait states for initial access, 40 MHz clock, and synchronous read. The Set Configuration Register command sequence has been written with A18=0; device will output RDY one cycle before valid data. Figure 15. Burst with RDY Set One Cycle Before Data D1 D0 D2 D3 Da + n OE# DQ15-DQ0 A21-A0 Aa AVD# RDY CLK CE#f tCES tACS tAVDS tAVD tACH tOE tRACC tOEZ tCEZ tIACC tBDH 6 wait cycles for initial access shown. 25 ns typ. (40 MHz) Hi-Z Hi-Z Hi-Z 1 2 3 456 tRDYS tBACC tACC |