công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M42000002B bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices

tên linh kiện M42000002B
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000002B bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices

Back Button M42000002B Datasheet HTML 5Page - Advanced Micro Devices M42000002B Datasheet HTML 6Page - Advanced Micro Devices M42000002B Datasheet HTML 7Page - Advanced Micro Devices M42000002B Datasheet HTML 8Page - Advanced Micro Devices M42000002B Datasheet HTML 9Page - Advanced Micro Devices M42000002B Datasheet HTML 10Page - Advanced Micro Devices M42000002B Datasheet HTML 11Page - Advanced Micro Devices M42000002B Datasheet HTML 12Page - Advanced Micro Devices M42000002B Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
May 19, 2003
Am42DL32x4G
9
PR ELI M I NARY
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations
Am42DL32x
4
G
T
70
I
T
TAPE AND REEL
T=
7 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
G
=
0.17 µm
SRAM DEVICE DENSITY
4=
4 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am42DL32x4G
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL32xG 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am42DL3224GT71I
Am42DL3224GB71I
T
M42000005W
M42000005X
Am42DL3234GT71I
Am42DL3234GB71I
M42000005Y
M42000005Z
Am42DL3244GT71I
Am42DL3244GB71I
M420000060
M420000061
Am42DL3224GT70I
Am42DL3224GB70I
M420000022
M420000023
Am42DL3224GT85I
Am42DL3224GB85I
M420000024
M420000025
Am42DL3234GT70I
Am42DL3234GB70I
M420000026
M420000027
Am42DL3234GT85I
Am42DL3234GB85I
M420000028
M420000029
Am42DL3244GT70I
Am42DL3244GB70I
M42000002A
M42000002B
Am42DL3244GT85I
Am42DL3244GB85I
M42000002C
M42000002D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com