công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EBV-075S048SV bảng dữ liệu(PDF) 2 Page - Inventronics Inc.

tên linh kiện EBV-075S048SV
Giải thích chi tiết về linh kiện  75W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INVENTRONICS [Inventronics Inc.]
Trang chủ  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-075S048SV bảng dữ liệu(HTML) 2 Page - Inventronics Inc.

  EBV-075S048SV Datasheet HTML 1Page - Inventronics Inc. EBV-075S048SV Datasheet HTML 2Page - Inventronics Inc. EBV-075S048SV Datasheet HTML 3Page - Inventronics Inc. EBV-075S048SV Datasheet HTML 4Page - Inventronics Inc. EBV-075S048SV Datasheet HTML 5Page - Inventronics Inc. EBV-075S048SV Datasheet HTML 6Page - Inventronics Inc. EBV-075S048SV Datasheet HTML 7Page - Inventronics Inc. EBV-075S048SV Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 / 8
Specifications are subject to changes without notice.
75W Constant Voltage IP67 Driver
EBV-075SxxxSV
Rev. A
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Inrush Current(I
2t)
-
-
0.0033 A
2s
At 220Vac input, 25
C cold start,
duration=36 μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
PF
0.9
-
-
At 220-240Vac, 50-60Hz, 60%-100% load
THD
-
-
20%
THD
-
-
12%
At 220-240Vac, 50-60Hz, 75%-100% load
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-5%Vo
-
5%Vo
At 100% load condition
Total Output Voltage Ripple
(pk-avg)
EBV-075S024SV
EBV-075S036SV
EBV-075S048SV
-
-
-
-
-
-
2.0 V
2.5 V
2.5 V
At 0% - 100% load condition. Measured by
20 MHz bandwidth oscilloscope and the
output paralleled a 0.1μF ceramic capacitor
and a 47μF electrolytic capacitor.
Startup Overshoot/Undershoot
-
-
5%Vo
At 100% load condition
Line Regulation
-
-
±
1%
Measured at 100% load
Load Regulation
-
-
±
3%
Turn-on Delay Time
-
-
0.75 s
Measured at 220Vac input, 100% load
Load
Dynamic
Response
Output Deviation
-
-
8%VO
R/S: 1 A/μs
Load: 25% ~ 100% load.
Settling Time
-
-
10 ms
Temperature Coefficient of Vo
-
0.03%/
C
-
Case temperature = 0
C~Tc max
Note: All specifications are typical at 25
C unless otherwise stated.
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 220Vac input:
EBV-075S024SV
EBV-075S036SV
EBV-075S048SV
86.0%
87.0%
88.0%
88.0%
89.0%
90.0%
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
MTBF
-
888,000
Hours
-
Measured at 220Vac input, 80%Load and
25
C ambient temperature (MIL-HDBK-
217F)
Lifetime
-
97,000
Hours
-
Measured at 220Vac input, 80%Load and
70
C case temperature; See lifetime vs. Tc
curve for the details
Operating Case Temperature
for Safety Tc_s
-40°C
-
+90°C
Operating Case Temperature
for Warranty Tc_w
-40°C
-
+75
C
Case temperature for 5 years warranty.
Humidity: 10% RH to 100% RH.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com