công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EBV-060S024SVF bảng dữ liệu(PDF) 3 Page - Inventronics Inc.

tên linh kiện EBV-060S024SVF
Giải thích chi tiết về linh kiện  60W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INVENTRONICS [Inventronics Inc.]
Trang chủ  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-060S024SVF bảng dữ liệu(HTML) 3 Page - Inventronics Inc.

  EBV-060S024SVF Datasheet HTML 1Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 2Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 3Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 4Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 5Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 6Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 7Page - Inventronics Inc. EBV-060S024SVF Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 / 8
Specifications are subject to changes without notice.
60W Constant Voltage IP67 Driver
EBV-060SxxxSVF
Rev. B
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Safety & EMC Compliance
Safety Category
Standard
CE
EN 61347-1, EN61347-2-13
CB
IEC 61347-1, IEC 61347-2-13
CCC
GB 19510.1, GB 19510.14
KS
KS C 7655
EMI Standards
Notes
EN 55015/GB 17743
(1)
Conducted emission Test &Radiated emission Test
EN 61000-3-2/GB 17625.1
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: Differential Mode 4 kV, Common Mode 6 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity Requirements Applies To Lighting Equipment
Note:
(1) This LED driver meets the EMI specifications above, but EMI performance of a luminaire that contains it depends also
on the other devices connected to the driver and on the fixture itself.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com