công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EBV-060S024SV bảng dữ liệu(PDF) 2 Page - Inventronics Inc.

tên linh kiện EBV-060S024SV
Giải thích chi tiết về linh kiện  60W Constant Voltage IP67 Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INVENTRONICS [Inventronics Inc.]
Trang chủ  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EBV-060S024SV bảng dữ liệu(HTML) 2 Page - Inventronics Inc.

  EBV-060S024SV Datasheet HTML 1Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 2Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 3Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 4Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 5Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 6Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 7Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 8Page - Inventronics Inc. EBV-060S024SV Datasheet HTML 9Page - Inventronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 / 10
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
60W Constant Voltage IP67 Driver
EBV-060SxxxSV
Rev. C
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.70 mA
IEC60598-1; 240Vac/60Hz
Input AC Current
-
-
0.36 A
Measured at 100% load and 220Vac input.
Inrush Current(I2t)
-
-
0.016 A2s
At 220Vac input, 25
C cold start,
duration=112 μs, 10%Ipk-10%Ipk. See
Inrush Current Waveform for the details.
PF
0.9
-
-
At 220-240Vac, 50-60Hz, 60%-100%load
(36-60W)
THD
-
-
20%
THD
-
-
12%
At 220-240Vac, 50-60Hz, 75%-100%load
(45-60W)
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-5%
-
5%
At 100% load condition
Total Output Voltage Ripple
(pk-avg)
EBV-060S012SV
EBV-060S024SV
EBV-060S036SV
EBV-060S048SV
-
-
-
-
-
-
-
-
2.0 V
2.0 V
2.5 V
2.5 V
At 0% - 100% load condition. Measured
by 20 MHz bandwidth oscilloscope and
the output paralleled a 0.1 μF ceramic
capacitor and a 47 μF electrolytic
capacitor.
Startup Overshoot / Undershoot
-
-
5%Vo
At 100% load condition
Line Regulation
-
-
±
1%
Measured at 100% load
Load Regulation
-
-
±
3%
Turn-on Delay Time
-
-
0.75 s
Measured at 220Vac input, 60%-100%loa
d
Load
Dynamic
Response
Output
Deviation
-
-
8%VO
R/S: 1 A/μs
Load: 25% ~ 100% load.
Settling Time
-
-
10 ms
Temperature Coefficient of Vo
-
0.03%/
C
-
Case temperature = 0
C~Tc max
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 220Vac input:
EBV-060S012SV
EBV-060S024SV
EBV-060S036SV
EBV-060S048SV
82.5%
86.5%
87.5%
88.5%
84.5%
88.5%
89.5%
90.5%
-
-
-
-
Measured at 100% load and steady-state
temperature in 25
C ambient;
(Efficiency will be about 2.0% lower if
measured immediately after startup.)
MTBF
-
671,000
Hours
-
Measured at 220Vac input, 80%load and
25
C ambient temperature (MIL-HDBK-
217F)



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com