công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M42000005X bảng dữ liệu(PDF) 58 Page - Advanced Micro Devices

tên linh kiện M42000005X
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000005X bảng dữ liệu(HTML) 58 Page - Advanced Micro Devices

Back Button M42000005X Datasheet HTML 54Page - Advanced Micro Devices M42000005X Datasheet HTML 55Page - Advanced Micro Devices M42000005X Datasheet HTML 56Page - Advanced Micro Devices M42000005X Datasheet HTML 57Page - Advanced Micro Devices M42000005X Datasheet HTML 58Page - Advanced Micro Devices M42000005X Datasheet HTML 59Page - Advanced Micro Devices M42000005X Datasheet HTML 60Page - Advanced Micro Devices M42000005X Datasheet HTML 61Page - Advanced Micro Devices M42000005X Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
58
Am42DL32x4G
May 19, 2003
PR ELI M I NARY
AC CHARACTERISTICS
Notes:
1. CE1#s controlled.
2. t
CW is measured from CE1#s going low to the end of write.
3. t
WR is measured from the end of write to the address change. tWR applied in case a write ends as CE1#s or WE# going high.
4. t
AS is measured from the address valid to the beginning of write.
5. A write occurs during the overlap (t
WP) of low CE#1 and low WE#. A write begins when CE1#s goes low and WE# goes low when
asserting UB#s or LB#s for a single byte operation or simultaneously asserting UB#s and LB#s for a double byte operation. A
write ends at the earliest transition when CE1#s goes high and WE# goes high. The t
WP is measured from the beginning of write
to the end of write.
6. Output data may be present on the bus at this time; input signals should not be applied.
7. If OE# is high during the write cycle, the outputs will remain at high impedance.
Figure 31.
SRAM Write Cycle—CE1#s Control
Address
Data Valid
UB#s, LB#s
WE#
Data In
Data Out
High-Z
High-Z
tWC
CE1#s
CE2s
tAW
tAS (See Note 2)
tBW
tCW
(See Note 3)
tWR (See Note 4)
tWP
(See Note 5)
tDW
tDH
(See Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com