công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS-PC1403 bảng dữ liệu(PDF) 7 Page - Burland Technology Solutions

tên linh kiện BTS-PC1403
Giải thích chi tiết về linh kiện  Guards against accidental disconnection of Computers, PDU’s, Servers and most Network Devices.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURLAND [Burland Technology Solutions]
Trang chủ  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions

BTS-PC1403 bảng dữ liệu(HTML) 7 Page - Burland Technology Solutions

  BTS-PC1403 Datasheet HTML 1Page - Burland Technology Solutions BTS-PC1403 Datasheet HTML 2Page - Burland Technology Solutions BTS-PC1403 Datasheet HTML 3Page - Burland Technology Solutions BTS-PC1403 Datasheet HTML 4Page - Burland Technology Solutions BTS-PC1403 Datasheet HTML 5Page - Burland Technology Solutions BTS-PC1403 Datasheet HTML 6Page - Burland Technology Solutions BTS-PC1403 Datasheet HTML 7Page - Burland Technology Solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Technical Information
Cable Lengths (Connector)
300mm up to any length. Various cables
lengths and assemblies are retained as
stock items with further combinations being
available for special order. Call our Sales
Office for more information.
Patent Information (Connector)
EU No. EP1459412B1 Int. No. PCT/GB02/05714
Int. Pending Patent: GB/2013/00195 (IEC Lock+)
Design Patent EU: 002130054-0001 (IEC Lock+)
Design Patent China: 201230542097.0 (IEC Lock+)
Design patent USA:
– D720,701 (IEC Lock+)
Approvals (Outlet)
10 A/250VAC:
ENEC 05, KEMA KEUR
15 A/250VAC: UL
Patent (Outlet)
UK Number: 2463468B EU Number: EP2321879
HK Number:
HK1141901
Chinese Patent No. 2009801353258
Standards (Outlet)
IEC/EN 60320-2-2/UL498
CSA C22.2 No 182.3-M1987
Cable Assemblies (Connector)
• IEC LOCK (C13/C19) to UK Plug
•
IEC LOCK (C13/C19) to European Schuko Plug
• IEC LOCK (C13/C19) to (C14/C20) IEC Plug
•
IEC LOCK (C13/C19) to NEMA 5-15P (USA) & Hospital Grade
•
IEC LOCK (C13/C19) to Australian 3 Pin Plug
•
IEC LOCK (C13/C19) to Swiss & Italian Plug
•
IEC LOCK (C13) to Japanese Plug & Hospital Grade
• IEC LOCK (C13/C19) to Brazilian Plug
•
IEC LOCK (C13/C19) to Stripped End
•
IEC LOCK C13 to Chinese Plug
Cable Size (Connector)
C13:
3 x 1.00mm2 H05VV-F / H05RN
C13:
3 x 18/16 AWG SVT / SJT
C13:
3 x 0.75/1.25mm2 HVCTF
C13:
3 x 1mm2 RVV
C19:
3 x 1.50mm2 H05VV-F,
C19:
3 x 14/12 AWG SJT
Cable colours available: Black, Orange, Blue, Red & White
Test Information (Connector)
Test Body:
KEMA, UL, SAA, KC, PSE, CCC
Test Standard:
IEC/UL/AUS/NZS/K/EN 603201
PSE - Article 1
CNCA-C02-01
Rating
10A Max / 250V~ (Europe/Australia)
15A Max / 250V~ (USA/Japan)
Test Information
Test Body:
KEMA, UL, SAA, PSE
Test Standard:
KEMA-KEUR Certified: EN 60320-1
UL 60320-1 / CSA C22.2 No. 60320-1
AUS/NZS 60320-1
PSE / Article 1
Patents:
PCT Pending
Cable Size
3C x 0.75mm2
3C x 1.00mm2
3C x 1.25mm2
3C x 1.50mm2 Max
3C x 14-18awg
REWIREABLE
LOCKING REWIREABLE C13 IEC CONNECTOR
FEMALE C13 & C19 IEC CONNECTORS AND OUTLETS
Burland Technology Solutions Limited
2 Delphus, Orion Court
Great Blakenham, Ipswich
Suffolk IP6 0LW
T: +44 (0)1473 858 214
F: +44 (0)1473 839 005
www.burland.com
sales@burland.com



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com