công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM41PDS3228D bảng dữ liệu(PDF) 47 Page - Advanced Micro Devices

tên linh kiện AM41PDS3228D
Giải thích chi tiết về linh kiện  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Page Mode Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41PDS3228D bảng dữ liệu(HTML) 47 Page - Advanced Micro Devices

Back Button AM41PDS3228D Datasheet HTML 43Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 44Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 45Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 46Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 47Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 48Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 49Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 50Page - Advanced Micro Devices AM41PDS3228D Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
46
Am41PDS3228D
May 13, 2002
P R E L IMINARY
FLASH AC CHARACTERISTICS
Temporary Sector/Sector Block Unprotect
Note: Not 100% tested.
Parameter
All Speed Options
Unit
JEDEC
Std
Description
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
t
VHH
V
HH Rise and Fall Time (See Note)
Min
500
ns
t
RSP
RESET# Setup Time for Temporary
Sector/Sector Block Unprotect
Min
4
µs
tRRB
RESET# Hold Time from RY/BY# High for
Temporary Sector/Sector Block Unprotect
Min
4
µs
RESET#
tVIDR
VID
VSS, VIL,
or VIH
VID
VSS, VIL,
or VIH
CE#f
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB
Figure 25.
Temporary Sector/Sector Block Unprotect
Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59