công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD128G70RI bảng dữ liệu(PDF) 66 Page - Advanced Micro Devices

tên linh kiện PD128G70RI
Giải thích chi tiết về linh kiện  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

PD128G70RI bảng dữ liệu(HTML) 66 Page - Advanced Micro Devices

Back Button PD128G70RI Datasheet HTML 62Page - Advanced Micro Devices PD128G70RI Datasheet HTML 63Page - Advanced Micro Devices PD128G70RI Datasheet HTML 64Page - Advanced Micro Devices PD128G70RI Datasheet HTML 65Page - Advanced Micro Devices PD128G70RI Datasheet HTML 66Page - Advanced Micro Devices PD128G70RI Datasheet HTML 67Page - Advanced Micro Devices PD128G70RI Datasheet HTML 68Page - Advanced Micro Devices PD128G70RI Datasheet HTML 69Page - Advanced Micro Devices PD128G70RI Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 71 page
background image
October 28, 2004
Am29PDL128G
65
P R E L IM IN A R Y
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure 26 indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. D
OUT is the data written to the device.
4. Waveforms are for the word mode.
Figure 26.
Alternate CE# Controlled Write (Erase/Program) Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71