| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29PDL128G30PEF bảng dữ liệu(PDF) 71 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PDL128G30PEF bảng dữ liệu(HTML) 71 Page - Advanced Micro Devices |
|
71 / 71 page ![]() 70 Am29PDL128G October 28, 2004 P R E L IM IN A R Y Changed the max of Accelerated Double Word Pro- gram Time to 240. Changed the max of Accelerated Word Program Time to 120. BGA Ball Capacitance Repla c e t a b l e wit h c apac i t a n c e t a b l e o n t h e Am29PDL127H datasheet. Revision B+4 (October 28, 2004) Added Pb-Free options to Ordering information and Valid Combinations. Updated hyperlinks. Trademarks Copyright © 2000-2004 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |