công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29PDL128G25PEF bảng dữ liệu(PDF) 71 Page - Advanced Micro Devices

tên linh kiện AM29PDL128G25PEF
Giải thích chi tiết về linh kiện  128 Megabit (8 M x 16-Bit/4 M x 32-Bit) CMOS 3.0 Volt-only, Simultaneous Read/ Write Flash Memory with VersatileIOTM Control
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PDL128G25PEF bảng dữ liệu(HTML) 71 Page - Advanced Micro Devices

Back Button AM29PDL128G25PEF Datasheet HTML 63Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 64Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 65Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 66Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 67Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 68Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 69Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 70Page - Advanced Micro Devices AM29PDL128G25PEF Datasheet HTML 71Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 71 page
background image
70
Am29PDL128G
October 28, 2004
P R E L IM IN A R Y
Changed the max of Accelerated Double Word Pro-
gram Time to 240.
Changed the max of Accelerated Word Program Time
to 120.
BGA Ball Capacitance
Repla c e t a b l e wit h c apac i t a n c e t a b l e o n t h e
Am29PDL127H datasheet.
Revision B+4 (October 28, 2004)
Added Pb-Free options to Ordering information and
Valid Combinations.
Updated hyperlinks.
Trademarks
Copyright © 2000-2004 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71