công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29BDS643G bảng dữ liệu(PDF) 40 Page - Advanced Micro Devices

tên linh kiện AM29BDS643G
Giải thích chi tiết về linh kiện  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643G bảng dữ liệu(HTML) 40 Page - Advanced Micro Devices

Back Button AM29BDS643G Datasheet HTML 36Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 37Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 38Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 39Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 40Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 41Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 42Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 43Page - Advanced Micro Devices AM29BDS643G Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
38
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1. PA = Program Address, PD = Program Data, VA = Valid Address for reading status bits.
2. “In progress” and “complete” refer to status of program operation.
3. A16–A21 are don’t care during command sequence unlock cycles.
Figure 13.
Program Operation Timings
OE#
CE#
A/DQ0:
A/DQ15
A16:A21
AVD
WE#
CLK
VCC
555h
A0h
PD
tAS
tWP
tAH
tWC
tWPH
PA
PA
tVCS
tCS
tDH
tCH
In
Progress
tWHWH1
VA
VA
Complete
VA
VA
Program Command Sequence (last two cycles)
Read Status Data
PS in
PS
tDS
VIH
VIL
tAVDP
valid only when PS mode is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49