công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29LV128ML100PCF bảng dữ liệu(PDF) 8 Page - Advanced Micro Devices

tên linh kiện AM29LV128ML100PCF
Giải thích chi tiết về linh kiện  128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV128ML100PCF bảng dữ liệu(HTML) 8 Page - Advanced Micro Devices

Back Button AM29LV128ML100PCF Datasheet HTML 4Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 5Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 6Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 7Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 8Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 9Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 10Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 11Page - Advanced Micro Devices AM29LV128ML100PCF Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
8
Am29LV128MH/L
25270C7 January 31, 2007
D A TA
SH EE T
CONNECTION DIAGRAMS
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP and BGA). The package
and/or data integrity may be compromised if the
package body is exposed to temperatures above
150
°C for prolonged periods of time.
A2
C2
D2
E2
F2
G2
H2
A3
C3
D3
E3
F3
G3
H3
A4
C4
D4
E4
F4
G4
H4
A5
C5
D5
E5
F5
G5
H5
A6
C6
D6
E6
F6
G6
H6
A7
C7
D7
E7
F7
G7
H7
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
A1
C1
D1
E1
F1
G1
H1
NC
NC
VIO
NC
NC
NC
NC
NC
A8
C8
B2
B3
B4
B5
B6
B7
B1
B8
D8
E8
F8
G8
H8
NC
NC
NC
VSS
VIO
NC
A22
NC
64- Ball Fortified BGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66