công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F800BT55VC bảng dữ liệu(PDF) 25 Page - Advanced Micro Devices

tên linh kiện F800BT55VC
Giải thích chi tiết về linh kiện  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

F800BT55VC bảng dữ liệu(HTML) 25 Page - Advanced Micro Devices

Back Button F800BT55VC Datasheet HTML 21Page - Advanced Micro Devices F800BT55VC Datasheet HTML 22Page - Advanced Micro Devices F800BT55VC Datasheet HTML 23Page - Advanced Micro Devices F800BT55VC Datasheet HTML 24Page - Advanced Micro Devices F800BT55VC Datasheet HTML 25Page - Advanced Micro Devices F800BT55VC Datasheet HTML 26Page - Advanced Micro Devices F800BT55VC Datasheet HTML 27Page - Advanced Micro Devices F800BT55VC Datasheet HTML 28Page - Advanced Micro Devices F800BT55VC Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
November 2, 2006 21504E5
Am29F800B
23
D A TA SH EE T
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature
with Power Applied. . . . . . . . . . . . . . –55
°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) . . . . . . . . . . . . . . . .–2.0 V to +7.0 V
A9, OE#, and
RESET# (Note 2). . . . . . . . . . . . –2.0 V to +12.5 V
All other pins (Note 1) . . . . . . . . . –0.5 V to +7.0 V
Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/O pins is –0.5 V. During
voltage transitions, input or I/O pins may undershoot VSS
to –2.0 V for periods of up to 20 ns. See Figure 6.
Maximum DC voltage on input or I/O pins is VCC +0.5 V.
During voltage transitions, input or I/O pins may overshoot
to VCC +2.0 V for periods up to 20 ns. See Figure 7.
2. Minimum DC input voltage on pins A9, OE#, and RESET#
is –0.5 V. During voltage transitions, A9, OE#, and
RESET# may undershoot VSS to –2.0 V for periods of up
to 20 ns. See Figure 6. Maximum DC input voltage on pin
A9 is +12.5 V which may overshoot to +13.5 V for periods
up to 20 ns.
3. No more than one output may be shorted to ground at a
time. Duration of the short circuit should not be greater
than one second.
Note: Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to absolute maximum rating
conditions for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA) . . . . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . –40°C to +85°C
Extended (E) Devices
Ambient Temperature (TA) . . . . . . . . –55°C to +125°C
VCC Supply Voltages
VCC for all devices . . . . . . . . . . . . . . .+4.5 V to +5.5 V
Note: Operating ranges define those limits between which
the functionality of the device is guaranteed.
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
Figure 6.
Maximum Negative
Overshoot Waveform
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
Figure 7.
Maximum Positive
Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com