công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41000002V bảng dữ liệu(PDF) 55 Page - Advanced Micro Devices

tên linh kiện M41000002V
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000002V bảng dữ liệu(HTML) 55 Page - Advanced Micro Devices

Back Button M41000002V Datasheet HTML 51Page - Advanced Micro Devices M41000002V Datasheet HTML 52Page - Advanced Micro Devices M41000002V Datasheet HTML 53Page - Advanced Micro Devices M41000002V Datasheet HTML 54Page - Advanced Micro Devices M41000002V Datasheet HTML 55Page - Advanced Micro Devices M41000002V Datasheet HTML 56Page - Advanced Micro Devices M41000002V Datasheet HTML 57Page - Advanced Micro Devices M41000002V Datasheet HTML 58Page - Advanced Micro Devices M41000002V Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
54
Am41DL32x8G
September 5, 2002
PR ELI M I NARY
AC CHARACTERISTICS
Alternate CE#f Controlled Erase and Program Operations
Notes:
1. Not 100% tested.
2. See the “Flash Erase And Programming Performance” section for more information.
Parameter
Speed Options
Unit
JEDEC
Std
Description
70
85
tAVAV
tWC
Write Cycle Time (Note 1)
Min
70
85
ns
t
AVWL
t
AS
Address Setup Time (WE# to Address)
Min
0
ns
t
ASO
Address Setup Time to CE#f Low During Toggle
Bit Polling
Min
15
ns
t
ELAX
t
AH
Address Hold Time
Min
45
ns
t
AHT
Address Hold time from CE#f or OE# High During
Toggle Bit Polling
Min
0
ns
t
DVEH
t
DS
Data Setup Time
Min
35
45
ns
t
EHDX
t
DH
Data Hold Time
Min
0
ns
t
GHEL
t
GHEL
Read Recovery Time Before Write
(OE# High to WE# Low)
Min
0
ns
t
WLEL
t
WS
WE# Setup Time
Min
0
ns
t
EHWH
t
WH
WE# Hold Time
Min
0
ns
t
ELEH
t
CP
CE#f Pulse Width
Min
30
35
ns
t
EHEL
t
CPH
CE#f Pulse Width High
Min
30
ns
t
WHWH1
t
WHWH1
Programming Operation
(Note 2)
Byte
Typ
5
µs
Word
Typ
7
t
WHWH1
t
WHWH1
Accelerated Programming Operation,
Word or Byte (Note 2)
Typ
4
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ
0.4
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com