| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41000002Q bảng dữ liệu(PDF) 16 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
M41000002Q bảng dữ liệu(HTML) 16 Page - Advanced Micro Devices |
|
16 / 66 page ![]() September 5, 2002 Am41DL32x8G 15 PR ELI M I NARY Word/Byte Configuration The CIOf pin controls whether the device data I/O pins operate in the byte or word configuration. If the CIOf pin is set at logic ‘1’, the device is in word configura- tion, DQ15–DQ0 are active and controlled by CE# and OE#. If the CIOf pin is set at logic ‘0’, the device is in byte configuration, and only data I/O pins DQ7–DQ0 are active and controlled by CE# and OE#. The data I/O pins DQ14–DQ8 are tri-stated, and the DQ15 pin is used as an input for the LSB (A-1) address function. Requirements for Reading Array Data To read array data from the outputs, the system must drive the CE#f and OE# pins to V IL. CE#f is the power control and selects the device. OE# is the output con- trol and gates array data to the output pins. WE# should remain at V IH . The C I O f pin determi nes whether the device outputs array data in words or bytes. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No com- mand is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. Each bank remains enabled for read access until the command register contents are altered. See “Requirements for Reading Array Data” for more information. Refer to the AC Flash Read-Only Opera- tions table for timing specifications and to Figure 14 for the timing diagram. I CC1 in the DC Characteristics table represents the active current specification for reading array data. Writing Commands/Command Sequences To write a command or command sequence (which in- cludes programming data to the device and erasing sectors of memory), the system must drive WE# and CE#f to V IL, and OE# to VIH. For program operations, the CIOf pin determines whether the device accepts program data in bytes or words. Refer to “Word/Byte Configuration” for more information. The device features an Unlock Bypass mode to facil- itate faster programming. Once a bank enters the Unlock Bypass mode, only two write cycles are re- quired to program a word or byte, instead of four. The “Word/Byte Configuration” section has details on pro- gramming data to the device using both standard and Unlock Bypass command sequences. An erase operation can erase one sector, multiple sec- tors, or the entire device. Tables 6–8 indicate the address space that each sector occupies. The device address space is divided into two banks: Bank 1 con- tains the boot/parameter sectors, and Bank 2 contains the larger, code sectors of uniform size. A “bank ad- dress” is the address bits required to uniquely select a bank. Similarly, a “sector address” is the address bits required to uniquely select a sector. I CC2 in the DC Characteristics table represents the ac- tive current specification for the write mode. The AC Characteristics section contains timing specification tables and timing diagrams for write operations. Accelerated Program Operation The device offers accelerated program operations through the ACC function. This is one of two functions provided by the WP#/ACC pin. This function is prima- rily intended to allow faster manufacturing throughput at the factory. If the system asserts V HH on this pin, the device auto- matically enters the aforementioned Unlock Bypass mode, temporarily unprotects any protected sectors, and uses the higher voltage on the pin to reduce the time required for program operations. The system would use a two-cycle program command sequence as required by the Unlock Bypass mode. Removing V HH from the WP#/ACC pin returns the device to nor- mal operation. Note that the WP#/ACC pin must not be at V HH for operations other than accelerated pro- gramming, or device damage may result. In addition, the WP#/ACC pin must not be left floating or uncon- nected; inconsistent behavior of the device may result. Autoselect Functions If the system writes the autoselect command se- quence, the device enters the autoselect mode. The system can then read autoselect codes from the inter- nal register (which is separate from the memory array) on DQ7–DQ0. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autose- l e c t Co mm an d Se qu en c e s e c t i o n s fo r m o r e information. Simultaneous Read/Write Operations with Zero Latency This device is capable of reading data from one bank of memory while programming or erasing in the other bank of memory. An erase operation may also be sus- pended to read from or program to another location within the same bank (except the sector being erased). Figure 21 shows how read and write cycles may be initiated for simultaneous operation with zero latency. ICC6 and ICC7 in the DC Characteristics table represent the current specifications for read-while-pro- gram and read-while-erase, respectively. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |