| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41000002O bảng dữ liệu(PDF) 63 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
M41000002O bảng dữ liệu(HTML) 63 Page - Advanced Micro Devices |
|
63 / 66 page ![]() 62 Am41DL32x8G September 5, 2002 PR ELI M I NARY SRAM DATA RETENTION Notes: 1. CE1#s ≥ V CC – 0.2 V, CE2s ≥ VCC – 0.2 V (CE1#s controlled) or CE2s ≤ 0.2 V (CE2s controlled), CIOs = VSS or VCC. 2. Typical values are not 100% tested. Figure 33. CE1#s Controlled Data Retention Mode Figure 34. CE2s Controlled Data Retention Mode Parameter Symbol Parameter Description Test Setup Min Typ Max Unit V DR V CC for Data Retention CS1#s ≥ V CC – 0.2 V (Note 1) 1.5 3.3 V I DR Data Retention Current VCC = 3.0 V, CE1#s ≥ VCC – 0.2 V (Note 1) 1.0 (Note 2) 15 µA t SDR Data Retention Set-Up Time See data retention waveforms 0ns t RDR Recovery Time t RC ns VDR VCC 2.7V 2.2V CE1#s GND Data Retention Mode CE1#s ≥ VCC - 0.2 V tSDR tRDR VCC 2.7 V 0.4 V VDR CE2s GND Data Retention Mode tSDR tRDR CE2s < 0.2 V |