| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC14-2C310-R21-1123 bảng dữ liệu(PDF) 3 Page - TiMOTION Technology Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
TC14-2C310-R21-1123 bảng dữ liệu(HTML) 3 Page - TiMOTION Technology Co. Ltd. |
|
3 / 3 page ![]() 3 TC14 Ordering Key TC14 Version: 20220107-E MCU B = Without C = With Input Voltage 2 = 24VDC Number of Actuators Wireless Module Buzzer IP Rating DC Cable Length (mm) DC Input Plug Color Fixation Handset Channel Backup Battery Channel 0 = Without 1 = 1 2 = 2 3 = 3 4 = 4 0 = Without R = 315 MHz F = 433 MHz G = 2.4G 0 = Without 1 = With 1 = Without 2 = IP54 3 = IP66 1 = Straight,1000 2 = Straight,1500 3 = Straight, 2000 1 = Small 01P 2 = Long DIN 5P 2 = Pantone 428C 1 = On the actuator (TA10/TA23/TA31) 2 = On the steel bracket 3 = On the plastic bracket 1 = 1 Terms of Use The user is responsible for determining the suitability of TiMOTION products for a specific application. TiMOTION products are subject to change without prior notice. |