| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D161DT12PI bảng dữ liệu(PDF) 14 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
D161DT12PI bảng dữ liệu(HTML) 14 Page - Advanced Micro Devices |
|
14 / 57 page ![]() 16 Am29DL16xD 21533E5 December 1, 2006 D A TA SH EET 30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals. Standard ad- dre ss access t i m i ngs p r ov ide new data when addresses are changed. While in sleep mode, output data is latched and always available to the system. I CC4 in the DC Characteristics table represents the automatic sleep mode current specification. RESET#: Hardware Reset Pin The RESET# pin provides a hardware method of re- setting the device to reading array data. When the RESET# pin is driven low for at least a period of t RP, the device immediately terminates any operation in progress, tristates all output pins, and ignores all read/write commands for the duration of the RESET# pulse. The device also resets the internal state ma- chine to reading array data. The operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to en- sure data integrity. Current is reduced for the duration of the RESET# pulse. When RESET# is held at V SS±0.3 V, the device draws CMOS standby current (I CC4). If RESET# is held at V IL but not within VSS±0.3 V, the standby current will be greater. The RESET# pin may be tied to the system reset cir- cuitry. A system reset would thus also reset the Flash memory, enabling the system to read the boot-up firm- ware from the Flash memory. If RESET# is asserted during a program or erase op- eration, the RY/BY# pin remains a “0” (busy) until the internal reset operation is complete, which requires a time of t READY (during Embedded Algorithms). The sys- tem can thus monitor RY/BY# to determine whether the reset operation is complete. If RESET# is asserted when a program or erase operation is not executing (RY/BY# pin is “1”), the reset operation is completed within a time of t READY (not during Embedded Algo- rithms). The system can read data t RH aft e r the RESET# pin returns to V IH. Refer to the AC Characteristics tables for RESET# pa- rameters and to Figure 14 for the timing diagram. Output Disable Mode When the OE# input is at V IH, output from the device is disabled. The output pins are placed in the high impedance state. Table 2. Am29DL16xD Device Bank Divisions Device Part Number Bank 1 Bank 2 Megabits Sector Sizes Megabits Sector Sizes Am29DL161D 0.5 Mbit Eight 8 Kbyte/4 Kword 15.5 Mbit Thirty-one 64 Kbyte/32 Kword Am29DL162D 2 Mbit Eight 8 Kbyte/4 Kword, three 64 Kbyte/32 Kword 14 Mbit Twenty-eight 64 Kbyte/32 Kword Am29DL163D 4 Mbit Eight 8 Kbyte/4 Kword, seven 64 Kbyte/32 Kword 12 Mbit Twenty-four 64 Kbyte/32 Kword Am29DL164D 8 Mbit Eight 8 Kbyte/4 Kword, fifteen 64 Kbyte/32 Kword 8 Mbit Sixteen 64 Kbyte/32 Kword |