công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41000000H bảng dữ liệu(PDF) 55 Page - Advanced Micro Devices

tên linh kiện M41000000H
Giải thích chi tiết về linh kiện  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

M41000000H bảng dữ liệu(HTML) 55 Page - Advanced Micro Devices

Back Button M41000000H Datasheet HTML 51Page - Advanced Micro Devices M41000000H Datasheet HTML 52Page - Advanced Micro Devices M41000000H Datasheet HTML 53Page - Advanced Micro Devices M41000000H Datasheet HTML 54Page - Advanced Micro Devices M41000000H Datasheet HTML 55Page - Advanced Micro Devices M41000000H Datasheet HTML 56Page - Advanced Micro Devices M41000000H Datasheet HTML 57Page - Advanced Micro Devices M41000000H Datasheet HTML 58Page - Advanced Micro Devices M41000000H Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
54
Am41DL6408G
August 19, 2002
P R E L I M INARY
AC CHARACTERISTICS
SRAM Read Cycle
Note: CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
Figure 28.
SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
Speed
Unit
71
70
85
t
RC
Read Cycle Time
Min
55
70
85
ns
t
AA
Address Access Time
Max
55
70
85
ns
t
CO1, tCO2
Chip Enable to Output
Max
55
70
85
ns
t
OE
Output Enable Access Time
Max
25
35
45
ns
t
BA
LB#s, UB#s to Access Time
Max
55
70
85
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z
Output
Min
10
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
Min
10
ns
t
OLZ
Output Enable to Low-Z Output
Min
5
ns
t
HZ1, tHZ2
Chip Disable to High-Z Output
Max
20
25
ns
t
BHZ
UB#s, LB#s Disable to High-Z Output
Max
20
25
ns
t
OHZ
Output Disable to High-Z Output
Max
20
25
ns
t
OH
Output Data Hold from Address Change
Min
10
ns
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63