| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29LV256ML123REF bảng dữ liệu(PDF) 49 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV256ML123REF bảng dữ liệu(HTML) 49 Page - Advanced Micro Devices |
|
49 / 69 page ![]() December 16, 2005 Am29LV256M 47 D A TA SH EE T DC CHARACTERISTICS CMOS Compatible Notes: 1. On the WP#/ACC pin only, the maximum input load current when WP# = V IL is ± 5.0 µA. 2. The ICC current listed is typically less than 2 mA/MHz, with OE# at V IH. 3. Maximum ICC specifications are tested with VCC = VCCmax. 4. ICC active while Embedded Erase or Embedded Program is in progress. 5. Automatic sleep mode enables the low power mode when addresses remain stable for t ACC + 30 ns. 6. If VIO < VCC, maximum VIL for CE# and DQ I/Os is 0.3 VIO. Maximum VIH for these connections is VIO + 0.3 V 7. V CC voltage requirements. 8. VIO voltage requirements. 9. Not 100% tested 10. Includes RY/BY# Parameter Symbol Parameter Description (Notes) Test Conditions Min Typ Max Unit I LI Input Load Current (1) V IN = VSS to VCC, V CC = VCC max ±1.0 µA I LIT A9, ACC Input Load Current V CC = VCC max; A9 = 12.5 V 35 µA I LO Output Leakage Current V OUT = VSS to VCC, V CC = VCC max ±1.0 µA I LR Reset Leakage Current VCC = VCC max; RESET# = 12.5 V 35 µA ICC1 VCC Active Read Current (2, 3) CE# = VIL, OE# = VIH, 1 MHz 3 34 mA 5 MHz 13 43 ICC2 VCC Initial Page Read Current (2, 3) CE# = VIL, OE# = VIH 1 MHz 4 50 mA 10 MHz 40 80 ICC3 VCC Intra-Page Read Current (2, 3) CE# = VIL, OE# = VIH 10 MHz 3 20 mA 33 MHz 6 40 I CC4 V CC Active Write Current (3, 4) CE# = V IL, OE# = VIH 50 60 mA I CC5 V CC Standby Current (3) CE#, RESET# = V CC ± 0.3 V, WP# = VIH 15 µA I CC6 V CC Reset Current (3) RESET# = V SS ± 0.3 V, WP# = VIH 15 µA I CC7 Automatic Sleep Mode (3, 5) V IH = VCC ± 0.3 V; VIL = VSS ± 0.3 V, WP# = V IH 15 µA V IL1 Input Low Voltage 1(6, 7) –0.5 0.8 V V IH1 Input High Voltage 1 (6, 7) 1.9 V CC + 0.5 V V IL2 Input Low Voltage 2 (6, 8) –0.5 0.3 x V IO V V IH2 Input High Voltage 2 (6, 8) 1.9 V IO + 0.5 V V HH Voltage for ACC Program Acceleration V CC = 2.7 –3.6 V 11.5 12.5 V V ID Voltage for Autoselect and Temporary Sector Unprotect V CC = 2.7 –3.6 V 11.5 12.5 V V OL Output Low Voltage (10) I OL = 4.0 mA, VCC = VCC min = VIO 0.15 x V IO V V OH1 Output High Voltage I OH = –2.0 mA, VCC = VCC min = VIO 0.85 V IO V V OH2 I OH = –100 µA, VCC = VCC min = VIO V IO–0.4 V V LKO Low V CC Lock-Out Voltage (9) 2.3 2.5 V |