| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29LV256MH123REF bảng dữ liệu(PDF) 69 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV256MH123REF bảng dữ liệu(HTML) 69 Page - Advanced Micro Devices |
|
69 / 69 page ![]() December 16, 2005 Am29LV256M 67 D A TA SH EE T Revision C+1 (May 28, 2003) Global Converted to full datasheet version. Modified SecSi Sector Flash Memory Region section to include ESN references. Erase and Programming Performance Input values into table that were previously TBD. Modified notes. CMOS Compatible Corrected typos in table. Erase and Program Operations and Alternate CE# Controlled Erase and Program Operations Changed the typical for the Accelerated Effective Write Buffer Program Operation for Byte and Word to 6.25 and 12.5. Revision C+2 (June 11, 2003) Global Modified speed grades available. Revision C+3 (September 15, 2003) Ordering Information Added OPN note for ESN feature. Tables 11 & 12 Command Definitions Changed definition BA to XXX for Program/Erase Sus- pend (Note 16) and for Program/Erase Resume (Note 17). Program Suspend/Program Resume Command Sequence Removed - program suspended sector is required when writing this command. AC Characteristics - Hardware Reset Added information for t RB. AC Characteristics - Erase and Program Operations Added information for t BUSY. Revision C + 4 (February 9, 2004) Table 1 Device Bus Operations Modified ACC column to replace instances of X to L/H. Customer Lockable: SecSi Sector NOT Programmed or Protected at the Factory Removed second paragraph. Enter SecSi Sector/Exit SecSi Sector Command Sequence Added (write buffer) to last sentence of first paragraph. Write Buffer Programming Removed last paragraph. Table 10 & Table 12: Command Definitions Replaced the Addr information Program/Erase Sus- pend and Program/Erase Resume from BA to XXX. Erase Suspend/Erase Resume Commands Added note on flash device performance during suspend/erase mode. AC Characteristics - Erase and Program Operations Added t POLL information. AC Characteristics - Operation Timings Figures Updated Figure 16: Program Operation Timings, Figure 19: Data# Polling Timings (During Embedded Algorithms, and Figure 24: Alternate CE# Controlled Write (Erase/Program) Operation Timings. Trademarks Updated information. Cover page and Title sheet Added notation referencing superseding documenta- tion. Revision C + 5 (October 27, 2004) Ordering Information Table Added Pb-free ordering option Revision C + 6 (December 16, 2005) This product has been retired and is not available for designs. For new and current designs, S29GL256N supersedes Am29LV256M and is the factory-recom- me nde d m i g r at ion pa th . Please refe r t o t h e S29GL256N datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only. Trademarks Copyright © 2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |