| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL16XDB70VRIN bảng dữ liệu(PDF) 57 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL16XDB70VRIN bảng dữ liệu(HTML) 57 Page - Advanced Micro Devices |
|
57 / 57 page ![]() December 1, 2006 21533E5 Am29DL16xD 59 D A TA SH EET Revision E + 2 (February 14, 2003) Global Added VBF048 package, Very Thin Profile Fine Pitch Ball Grid Array, to Distinctive Characteristics, General Description, Ordering Information, Connection Dia- grams, and Physical Dimensions sections. Revision E+3 (February 25, 2004) AC Characteristics Corrected t SR/W in Figure 20, Back-to-back Read/Write Cycle Timings. Revision E+4 (May 26, 2004) Ordering Information Added Pb-Free OPNs. Revision E5 (December 1, 2006) Global Changed SecSi to Secured Silicon. Erase and Program Operations table Changed t BUSY to a maximum specification. Colophon The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita- tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con- templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de- vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea- sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au- thorization by the respective government entity will be required for export of those products. Trademarks Copyright © 1998–2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade- marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners. |