công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29LV320DB90WMF bảng dữ liệu(PDF) 44 Page - Advanced Micro Devices

tên linh kiện AM29LV320DB90WMF
Giải thích chi tiết về linh kiện  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DB90WMF bảng dữ liệu(HTML) 44 Page - Advanced Micro Devices

Back Button AM29LV320DB90WMF Datasheet HTML 40Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 41Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 42Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 43Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 44Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 45Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 46Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 47Page - Advanced Micro Devices AM29LV320DB90WMF Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
42
Am29LV320D
December 14, 2005
DA TA SH EET
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Notes:
1. PA = program address, PD = program data, D
OUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 18.
Program Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57