| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL640D35WHF bảng dữ liệu(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29DL640D35WHF bảng dữ liệu(HTML) 7 Page - Advanced Micro Devices |
|
7 / 54 page ![]() December 13, 2005 Am29DL640D 5 CONNECTION DIAGRAMS 1 16 2 3 4 5 6 7 8 17 18 19 20 21 22 23 24 9 10 11 12 13 14 15 48 33 47 46 45 44 43 42 41 40 39 38 37 36 35 34 25 32 31 30 29 28 27 26 A15 A18 A14 A13 A12 A11 A10 A9 A8 A19 A20 WE# RESET# NC WP#/ACC RY/BY# A1 A17 A7 A6 A5 A4 A3 A2 A16 DQ2 BYTE# VSS DQ15/A-1 DQ7 DQ14 DQ6 DQ13 DQ9 DQ1 DQ8 DQ0 OE# VSS CE# A0 DQ5 DQ12 DQ4 VCC DQ11 DQ3 DQ10 48-Pin Standard TSOP C2 D2 E2 F2 G2 H2 J2 K2 C3 D3 E3 F3 G3 H3 J3 K3 C4 D4 E4 F4 G4 H4 J4 K4 C5 D5 E5 F5 G5 H5 J5 K5 C6 D6 E6 F6 G6 H6 J6 K6 C7 D7 A7 B7 A8 B8 A1 B1 A2 E7 F7 G7 H7 J7 K7 L7 L8 M7 M8 L1 L2 M1 M2 NC* NC* NC* NC* NC* NC* NC* NC* NC* NC* NC* NC NC NC NC DQ15/A-1 VSS BYTE# A16 A15 A14 A12 A13 DQ13 DQ6 DQ14 DQ7 A11 A10 A8 A9 VCC DQ4 DQ12 DQ5 A19 A21 RESET# WE# DQ11 DQ3 DQ10 DQ2 A20 A18 WP#/ACC RY/BY# DQ9 DQ1 DQ8 DQ0 A5 A6 A17 A7 OE# VSS CE# A0 A1 A2 A4 A3 * Balls are shorted together via the substrate but not connected to the die. 63-Ball Fine-Pitch BGA (FBGA) Top View, Balls Facing Down |