| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29PL320DT70RWPI bảng dữ liệu(PDF) 11 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29PL320DT70RWPI bảng dữ liệu(HTML) 11 Page - Advanced Micro Devices |
|
11 / 49 page ![]() June 13, 2005 Am29PL320D 9 DEVICE BUS OPERATIONS This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register it- self does not occupy any addressable memor y location. The register is composed of latches that store the commands, along with the address and data infor- mation needed to execute the command. The contents of the register serve as inputs to the internal state ma- chine. The state machine outputs dictate the function of the device. Table 1 lists the device bus operations, the inputs and control levels they require, and the re- sulting output. The following subsections describe each of these operations in further detail. Table 1. Am29PL320D Device Bus Operations Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out Notes: 1. Addresses are A19–A0 in double word mode (WORD# = VIH), A19–A-1 in word mode (WORD# = VIL). 2. The sector protect and sector unprotect functions must be implemented via programming equipment. See the “Sector Protection/Unprotection” section. Word/Double Word Configuration The WORD# input controls whether the device data I/Os DQ31–DQ0 operate in the word or double word configuration. If the WORD# input is set at VIH, the de- vice is in double word configuration; DQ31–DQ0 are active and controlled by CE# and OE#. If the WORD# input is set at logic ‘0’, the device is in word configuration, and only data I/Os DQ15–DQ0 are active and controlled by CE# and OE#. The data I/Os DQ30–DQ16 are tri-stated, and the DQ31 input is used as an input for the LSB (A-1) address function. Requirements for Reading Array Data To read array data from the outputs, the system must drive the CE# and OE# inputs to VIL. CE# is the power control and selects the device. OE# is the output control and gates array data to the output inputs. WE# should remain at VIH. The WORD# input determines whether the device outputs array data in words or bytes. The internal state machine is set for reading array data upon device power-up. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See “Reading Array Data” for more information. Refer to the AC Read Operations table for timing specifica- tions and to Figure 13 for the timing diagram. ICC1 in the DC Characteristics table represents the active cur- rent specification for reading array data. Read Mode Random Read (Non-Page Mode Read) The device has two control functions which must be satisfied in order to obtain data at the outputs. CE# is the power control and should be used for device selec- tion. OE# is the output control and should be used to gate data to the output inputs if the device is selected. Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable access time (tCE) is the delay from the stable ad- dresses and stable CE# to valid data at the output inputs. The output enable access time is the delay from the falling edge of OE# to valid data at the output inputs (assuming the addresses have been stable for at least tACC–tOE time). Operation CE# OE# WE# WP# Addresses (Note 1) DQ7– DQ0 DQ31–DQ8 WORD# = VIH WORD# = VIL Read L L H X AIN DOUT DOUT DQ30–DQ16 = High-Z, DQ31 = A-1 Write L H L X AIN DIN DIN Standby VCC ± 0.3 V X X X X High-Z High-Z High-Z Output Disable L H H X X High-Z High-Z High-Z |