công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL16XDT90VRI bảng dữ liệu(PDF) 33 Page - Advanced Micro Devices

tên linh kiện AM29DL16XDT90VRI
Giải thích chi tiết về linh kiện  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL16XDT90VRI bảng dữ liệu(HTML) 33 Page - Advanced Micro Devices

Back Button AM29DL16XDT90VRI Datasheet HTML 29Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 30Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 31Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 32Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 33Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 34Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 35Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 36Page - Advanced Micro Devices AM29DL16XDT90VRI Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
December 1, 2006 21533E5
Am29DL16xD
35
D A TA
SH EET
Table 15.
Write Operation Status
Notes:
1. DQ5 switches to ‘1’ when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits.
Refer to the section on DQ5 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further
details.
3. When reading write operation status bits, the system must always provide the bank address where the Embedded Algorithm
is in progress. The device outputs array data if the system addresses a non-busy bank.
Status
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No toggle
0
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
0
Erase
Suspend
Mode
Erase-Suspend-
Read
Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
1
Non-Erase
Suspended Sector
Data
Data
Data
Data
Data
1
Erase-Suspend-Program
DQ7#
Toggle
0
N/A
N/A
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57