công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29F010B50DPE1 bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices

tên linh kiện AM29F010B50DPE1
Giải thích chi tiết về linh kiện  1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F010B50DPE1 bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F010B50DPE1 Datasheet HTML 5Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 6Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 7Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 8Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 9Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 10Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 11Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 12Page - Advanced Micro Devices AM29F010B50DPE1 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Am29F010B Known Good Die
7
SU PP L E ME NT
PRODUCT TEST FLOW
Figure 1 provides an overview of AMD’s Known Good
Die test flow. For more detailed information, refer to the
Am29F010B product qualification database supple-
ment for KGD. AMD implements quality assurance pro-
cedures throughout the product test flow. In addition,
an off-line quality monitoring program (QMP) further
guarantees AMD quality standards are met on Known
Good Die products. These QA procedures also allow
AMD to produce KGD products without requiring or
implementing burn-in.
Figure 1.
AMD KGD Product Test Flow
Wafer Sort 1
Bake
24 hours at 250
°C
Wafer Sort 2
Wafer Sort 3
High Temperature
Packaging for Shipment
Shipment
DC Parameters
Functionality
Programmability
Erasability
Data Retention
DC Parameters
Functionality
Programmability
Erasability
DC Parameters
Functionality
Programmability
Erasability
Speed
Incoming Inspection
Wafer Saw
Die Separation
100% Visual Inspection
Die Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14