| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29LV065D bảng dữ liệu(PDF) 53 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV065D bảng dữ liệu(HTML) 53 Page - Advanced Micro Devices |
|
53 / 54 page ![]() February 16, 2006 Am29LV065D 53 Byte Program Command Sequence, Chip Erase Command Sequence, Erase Suspend/Erase Resume Commands Added - The Secsi Sector, autoselect, and CFI func- tions are not available when a program function is in progress. DC Characteristics - CMOS Compatible Removed IACC . Added Note. Trademarks Updated. Command Definitions Modified Erase Suspend & Erase Resume to XXX. See Table 10. Revision C+1 (June 10, 2004) Ordering Information Added Pb-free package OPNs. Revision C2 (February 16, 2006) Global Removed Reverse TSOP. Trademarks Copyright © 2004-2006 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |