| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS810 bảng dữ liệu(PDF) 1 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
SS810 bảng dữ liệu(HTML) 1 Page - RFE international |
|
1 / 3 page ![]() Guardring for overvoltage protection Low power loss Extremely fast switching High forward surge capability High frequency operation Solder dip 260 °C max. 10 s, per JESD 22-B106 For use in low voltage high frequency inverters, freewheeling, DC/DC converters, and polarity protection applications. Package: DO-214AB (SMC) Molding compound meets UL 94 V-0 flammability rating, RoHS-compliant Terminals: Tin plated leads, solderable per J-STD-002 and JESD22-B102 Polarity: Color band denotes the cathode end PARAMETER SYMBOL UNIT SS82 SS84 SS86 SS810 SS815 SS820 Device marking code SS82 SS84 SS86 SS810 SS815 SS820 Repetitive Peak Reverse Voltage VRRM V 20 40 60 100 150 200 Average Rectified Output Current @60Hz sine wave, Resistance load, Ta (FIG.1) IO 0 . 8 A Surge(Non-repetitive)Forward Current @60Hz Half-sine wave,1 cycle, Ta=25 IFSM 0 2 1 A Storage Temperature Tstg -55 ~+150 Junction Temperature Tj 0 5 1 + ~ 5 5 - 5 2 1 + ~ 5 5 - PARAMETER SYMBOL UNIT TEST CONDITIONS SS82 SS84 SS86 SS810 SS815 SS820 Maximum instantaneous forward voltage drop per diode VF V IFM=8.0A 0.55 0.60 0.70 0.85 0.95 Maximum DC reverse current at rated DC blocking voltage per diode IR mA Ta=25 1 . 0 2 . 0 Ta=100 0 . 5 0 2 Typical junction capacitance Cj pF Measured at 1MHz and Applied Reverse Voltage of 4.0 V.D.C. 450 350 270 180 Surface Mount Schottky Rectifier SS82 Through SS820 DO-214AB(SMC) 10-17-2022 Page 1 of 3 RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com FEATURES TYPICAL APPLICATIONS MECHANICAL DATA MAXIMUM RATINGS (Ta=25 Unless otherwise specified ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified PARAMETER SYMBOL UNIT SS82 SS84 SS86 SS810 SS815 SS820 Thermal Resistance Between junction and ambient R J-A /W 45(1) Between junction and lead R J-L 2 1 1) Note (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper pad areas THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified |
Số phần tương tự - SS810 |
|
Mô tả tương tự - SS810 |