công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL800BT70SD bảng dữ liệu(PDF) 46 Page - Advanced Micro Devices

tên linh kiện AM29DL800BT70SD
Giải thích chi tiết về linh kiện  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL800BT70SD bảng dữ liệu(HTML) 46 Page - Advanced Micro Devices

Back Button AM29DL800BT70SD Datasheet HTML 38Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 39Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 40Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 41Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 42Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 43Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 44Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 45Page - Advanced Micro Devices AM29DL800BT70SD Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
44
Am29DL800B
21519C4 December 4, 2006
D A TA
SH EET
Revision C+2 (June 7, 2000)
Ordering Information
Added Pb-Free OPNs.
Revision C+3 (January 5, 2006)
Global
Removed TSR048 48-pin Reverse TSOP option.
Revision C4 (December 4, 2006)
Erase and Program Operations table
Changed tBUSY to a maximum specification.
Colophon
The products described in this document are designed, developed and manufactured as contemplated for general use, including without limita-
tion, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as con-
templated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the
public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility,
aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for
any use where chance of failure is intolerable (i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to
you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor de-
vices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design mea-
sures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating
conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign
Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior au-
thorization by the respective government entity will be required for export of those products
Trademarks
Copyright ©2002-2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trade-
marks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are
for identification purposes only and may be trademarks of their respective companies.
Copyright © 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are
trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46